Part Number Hot Search : 
00G10Y0 PA190 MOC3052 FQP6N50 SM5623NF 1605000 TS1872 30402
Product Description
Full Text Search
 

To Download 22-05-7078 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/24/2010 please check www.molex.com for latest part information part number: 0022057078 status: active overview: kk description: 2.54mm (.100") pitch kk? wire-to-board header, right angle, with friction lock, 7 circuits documents: 3d model product specification ps-99020-0088 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-10-07 (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 7395 application wire-to-board overview kk product name kk? physical breakaway no circuits (loaded) 7 circuits (maximum) 7 color - resin natural (white) durability (mating cycles max) 25 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 orientation right angle pc tail length (in) 0.150 in pc tail length (mm) 3.80 mm pcb locator no pcb retention none packaging type bag pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 200 plating min: mating (m) 5 plating min: termination (in) 200 plating min: termination (m) 5 polarized to mating part yes polarized to pcb no shrouded no series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 7395 series mates with 2695 kk? crimp terminal housing. 6471 kk? crimp terminal housing. 7720 kk? idt double cantilever
stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 4a voltage - maximum 250v solder process data lead-free process capability wave capable (th only) material info old part number a-7395-7b reference - drawing numbers packaging specification pk-7478-001 product specification ps-10-07, ps-99020-0088 sales drawing sd-7395-001 this document was generated on 05/24/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 22-05-7078

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X